Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 89Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 90Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 91Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 92Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 93Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 94Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 95Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 96Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 69 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
12
CKOEN
1
R/W
Clock Output Enable
Specifies whether a clock is output on the CK pin, or
the CK pin is placed in the level-fixed state during
software standby mode or when exiting software
standby mode.
If this bit is cleared to 0, the CK pin is fixed to the low
level during software standby mode or when exiting
software standby mode. Therefore, the malfunction of
an external circuit because of an unstable CK clock
upon exit from software standby mode can be
prevented.
0: The CK pin is fixed to the low level during software
standby mode or when exiting software standby
mode.
1: Clock is output from the CK pin (placed in the high-
impedance state during software standby mode).
11, 10
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9, 8
STC[1:0]
00
R/W
Frequency multiplication ratio of PLL circuit 1
00:
× 1 time
01:
× 2 times
10: Setting prohibited
11:
× 4 times
7
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com