Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 86Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 87Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 88Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 89Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 90Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 91Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 92Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 93Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 66 of 1200
REJ09B0344-0200
4.3
Clock Operating Modes
Table 4.2 shows the relationship between the combinations of the mode control pins (MD_CLK2
and MD_CLK0) and the clock operating modes. Table 4.3 shows the usable frequency ranges in
the clock operating modes.
Table 4.2
Clock Operating Modes
Pin Values
Clock I/O
Mode MD_CLK2
MD_CLK0
Source
Output
PLL Circuit 2
On/Off
PLL Circuit 1
On/Off
CK Frequency
6
1
0
EXTAL or
crystal resonator
CK
On (
× 4)
On (
× 1, 2, 4)
(EXTAL or crystal
resonator)
× 4
• Mode 6
The frequency of the signal received from the EXTAL pin or crystal oscillator is quadrupled
by the PLL circuit 2 before it is supplied to the LSI as the clock signal. This allows a crystal
with a lower frequency to be used. Either a crystal resonator with a frequency in the range
from 8 to 10 MHz or an external signal in the same frequency range input on the EXTAL pin
can be used. When the CK output is in use, the frequency range is from 32 to 40 MHz. When
an input signal on the EXTAL pin is in use, the XTAL pin should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com