Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 66Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 67Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 68Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 69Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 70Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 71Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 72Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 73Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1228 page
background image
Section 2 CPU
Rev. 2.00 May. 08, 2008 Page 46 of 1200
REJ09B0344-0200
Compatibility
Instruction
Instruction Code
Operation
Execu-
tion
Cycles
T Bit
SH2,
SH2E SH4 SH-2A
EXTU.B
Rm,Rn
0110nnnnmmmm1100
Byte in Rm is
zero-extended
→ Rn
1
⎯
Yes
Yes
Yes
EXTU.W
Rm,Rn
0110nnnnmmmm1101
Word in Rm is
zero-extended
→ Rn
1
⎯
Yes
Yes
Yes
MAC.L
@Rm+,@Rn+
0000nnnnmmmm1111
Signed operation of (Rn)
×
(Rm) + MAC
→ MAC
32
× 32 + 64 → 64 bits
4
⎯
Yes
Yes
Yes
MAC.W
@Rm+,@Rn+
0100nnnnmmmm1111
Signed operation of (Rn)
×
(Rm) + MAC
→ MAC
16
× 16 + 64 → 64 bits
3
⎯
Yes
Yes
Yes
MUL.L
Rm,Rn
0000nnnnmmmm0111
Rn
× Rm → MACL
32
× 32 → 32 bits
2
⎯
Yes
Yes
Yes
MULR
R0,Rn
0100nnnn10000000
R0
× Rn → Rn
32
× 32 → 32 bits
2
Yes
MULS.W
Rm,Rn
0010nnnnmmmm1111
Signed operation of Rn
× Rm
→ MACL
16
× 16 → 32 bits
1
⎯
Yes
Yes
Yes
MULU.W
Rm,Rn
0010nnnnmmmm1110
Unsigned operation of Rn
×
Rm
→ MACL
16
× 16 → 32 bits
1
⎯
Yes
Yes
Yes
NEG
Rm,Rn
0110nnnnmmmm1011
0-Rm
→ Rn
1
⎯
Yes
Yes
Yes
NEGC
Rm,Rn
0110nnnnmmmm1010
0-Rm-T
→ Rn, borrow → T
1
Borrow Yes
Yes
Yes
SUB
Rm,Rn
0011nnnnmmmm1000
Rn-Rm
→ Rn
1
⎯
Yes
Yes
Yes
SUBC
Rm,Rn
0011nnnnmmmm1010
Rn-Rm-T
→ Rn, borrow → T
1
Borrow Yes
Yes
Yes
SUBV
Rm,Rn
0011nnnnmmmm1011
Rn-Rm
→ Rn, underflow → T
1
Over-
flow
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com