Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 371Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 372Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 373Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 374Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 375Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 376Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 377Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 378Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 351 of 1200
REJ09B0344-0200
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
This LSI has an on-chip multi-function timer pulse unit 2 (MTU2) that comprises six 16-bit timer
channels.
10.1
Features
• Maximum 16 pulse input/output lines and three pulse input lines
• Selection of eight counter input clocks for each channel (four clocks for channel 5)
• The following operations can be set for channels 0 to 4:
⎯ Waveform output at compare match
⎯ Input capture function
⎯ Counter clear operation
⎯ Multiple timer counters (TCNT) can be written to simultaneously
⎯ Simultaneous clearing by compare match and input capture is possible
⎯ Register simultaneous input/output is possible by synchronous counter operation
⎯ A maximum 12-phase PWM output is possible in combination with synchronous operation.
However, waveform output by compare match for channel 5 is not possible.
• Buffer operation settable for channels 0, 3, and 4
• Phase counting mode settable independently for each of channels 1 and 2
• Cascade connection operation
• Fast access via internal 16-bit bus
• 28 interrupt sources
• Automatic transfer of register data
• A/D converter start trigger can be generated
• Module standby mode can be settable
• A total of six-phase waveform output, which includes complementary PWM output, and
positive and negative phases of reset PWM output by interlocking operation of channels 3 and
4, is possible.
• AC synchronous motor (brushless DC motor) drive mode using complementary PWM output
and reset PWM output is settable by interlocking operation of channels 0, 3, and 4, and the
selection of two types of waveform outputs (chopping and level) is possible.
• Dead time compensation counter available in channel 5
• In complementary PWM mode, interrupts at the crest and trough of the counter value and A/D
converter start triggers can be skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com