Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 102Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 103Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 104Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 105Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 106Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 107Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 108Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 109Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 1228 page
background image
Section 5 Exception Handling
Rev. 2.00 May. 08, 2008 Page 82 of 1200
REJ09B0344-0200
Exception Sources
Vector
Numbers
Vector Table Address Offset
Integer division exception
(division by zero)
17
H'00000044 to H'00000047
Integer division exception (overflow)
18
H'00000048 to H'0000004B
(Reserved by system)
19
:
31
H'0000004C to H'0000004F
:
H'0000007C to H'0000007F
Trap instruction (user vector)
32
:
63
H'00000080 to H'00000083
:
H'000000FC to H'000000FF
External interrupts (IRQ),
on-chip peripheral module interrupts*
64
:
511
H'00000100 to H'00000103
:
H'000007FC to H'000007FF
Note:
*
The vector numbers and vector table address offsets for each external interrupt and on-
chip peripheral module interrupt are given in table 6.4 in section 6, Interrupt Controller
(INTC).
Table 5.4
Calculating Exception Handling Vector Table Addresses
Exception Source
Vector Table Address Calculation
Resets
Vector table address = (vector table address offset)
= (vector number)
× 4
Address errors, register bank
errors, interrupts, instructions
Vector table address = VBR + (vector table address offset)
= VBR + (vector number)
× 4
Notes: 1. Vector table address offset: See table 5.3.
2. Vector number: See table 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com