Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 128Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 129Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 130Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 131Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 132Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 133Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 134Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 135Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 108 of 1200
REJ09B0344-0200
6.3.3
Interrupt Control Register 1 (ICR1)
ICR1 is a 16-bit register that specifies the detection mode for external interrupt input pins IRQ7 to
IRQ0 individually: low level, falling edge, rising edge, or both edges. ICR1 is initialized by a
power-on reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
IRQ71S IRQ70S IRQ61S IRQ60S IRQ51S IRQ50S IRQ41S IRQ40S IRQ31S IRQ30S IRQ21S IRQ20S IRQ11S IRQ10S IRQ01S IRQ00S
Bit
Bit Name
Initial
Value
R/W
Description
15
IRQ71S
0
R/W
14
IRQ70S
0
R/W
13
IRQ61S
0
R/W
12
IRQ60S
0
R/W
11
IRQ51S
0
R/W
10
IRQ50S
0
R/W
9
IRQ41S
0
R/W
8
IRQ40S
0
R/W
7
IRQ31S
0
R/W
6
IRQ30S
0
R/W
5
IRQ21S
0
R/W
4
IRQ20S
0
R/W
3
IRQ11S
0
R/W
2
IRQ10S
0
R/W
1
IRQ01S
0
R/W
IRQ Sense Select
These bits select whether interrupt signals
corresponding to pins IRQ7 to IRQ0 are detected by a
low level, falling edge, rising edge, or both edges.
00: Interrupt request is detected on low level of IRQn
input
01: Interrupt request is detected on falling edge of IRQn
input
10: Interrupt request is detected on rising edge of IRQn
input
11: Interrupt request is detected on both edges of IRQn
input
0
IRQ00S
0
R/W
[Legend]
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com