Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 137Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 138Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 139Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 140Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 141Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 142Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 143Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 144Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 117 of 1200
REJ09B0344-0200
6.5
Interrupt Exception Handling Vector Table and Priority
Table 6.4 lists interrupt sources and their vector numbers, vector table address offsets, and
interrupt priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from the vector numbers and vector table address offsets. In
interrupt exception handling, the interrupt exception service routine start address is fetched from
the vector table indicated by the vector table address. For details of calculation of the vector table
address, see table 5.4 in section 5, Exception Handling.
The priorities of IRQ interrupts and on-chip peripheral module interrupts can be set freely between
0 and 15 for each pin or module by setting interrupt priority registers 01, 02, and 05 to 15 (IPR01,
IPR02, and IPR05 to IPR15). However, if two or more interrupts specified by the same IPR
among IPR05 to IPR15 occur, the priorities are defined as shown in the IPR setting unit internal
priority of table 6.4, and the priorities cannot be changed. A power-on reset assigns priority level 0
to IRQ interrupts and on-chip peripheral module interrupts. If the same priority level is assigned to
two or more interrupt sources and interrupts from those sources occur simultaneously, they are
processed by the default priorities indicated in table 6.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com