Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 161Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 162Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 163Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 164Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 165Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 166Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 167Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 168Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 141 of 1200
REJ09B0344-0200
6.9.1
Handling Interrupt Request Signals as Sources for CPU Interrupt but Not DMAC
Activating
1
Do not select DMAC activating sources or clear the DME bit to 0. If, DMAC activating
sources are selected, clear the DE bit to 0 for the relevant channel of the DMAC.
2. When interrupts occur, interrupt requests are sent to the CPU.
3. The CPU clears the interrupt source and performs the necessary processing in the interrupt
exception service routine.
6.9.2
Handling Interrupt Request Signals as Sources for Activating DMAC but Not CPU
Interrupt
1. Select DMAC activating sources and set both the DE and DME bits to 1. This masks CPU
interrupt sources regardless of the interrupt priority register settings.
2. Activating sources are applied to the DMAC when interrupts occur.
3. The DMAC clears the interrupt sources when starting transfer.
6.10
Usage Note
6.10.1
Timing to Clear an Interrupt Source
The interrupt source flags should be cleared in the interrupt exception service routine. After
clearing the interrupt source flag, "time from occurrence of interrupt request until interrupt
controller identifies priority, compares it with mask bits in SR, and sends interrupt request signal
to CPU" shown in table 6.5 is required before the interrupt source sent to the CPU is actually
cancelled. To ensure that an interrupt request that should have been cleared is not inadvertently
accepted again, read the interrupt source flag after it has been cleared, and then execute an RTE
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com