Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 170Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 171Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 172Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 173Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 150 of 1200
REJ09B0344-0200
7.3.4
Break Address Register_1 (BAR_1)
BAR_1 is a 32-bit readable/writable register. BAR_1 specifies the address used as a break
condition in channel 1. The control bits CD1_1 and CD1_0 in the break bus cycle register_1
(BBR_1) select one of the three address buses for a break condition of channel 1. BAR_1 is
initialized to H'00000000 by a power-on reset, but retains its previous value by a manual reset or
in software standby mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BA1_31 BA1_30 BA1_29 BA1_28 BA1_27 BA1_26 BA1_25 BA1_24 BA1_23 BA1_22 BA1_21 BA1_20 BA1_19 BA1_18 BA1_17 BA1_16
BA1_15 BA1_14 BA1_13 BA1_12 BA1_11 BA1_10 BA1_9 BA1_8 BA1_7 BA1_6 BA1_5 BA1_4 BA1_3 BA1_2 BA1_1 BA1_0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BA1_31 to
BA1_0
All 0
R/W
Break Address 1
Store an address on the CPU address bus (FAB or
MAB) or IAB specifying break conditions of channel 1.
When the C bus and instruction fetch cycle are
selected by BBR_1, specify an FAB address in bits
BA1_31 to BA1_0.
When the C bus and data access cycle are selected by
BBR_1, specify an MAB address in bits BA1_31 to
BA1_0.
Note:
When setting the instruction fetch cycle as a break condition, clear the LSB in BAR_1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com