Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 200Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 201Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 202Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 203Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 204Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 205Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 206Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 207Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 180 of 1200
REJ09B0344-0200
Table 8.3
Address Map in On-Chip ROM-Disabled Mode
Address
Space
Memory to be Connected
Size
H'0000 0000 to H'03FF FFFF
CS0
Normal space, SRAM with byte selection,
burst ROM (asynchronous or synchronous)
64 Mbytes
H'0400 0000 to H'07FF FFFF
CS1
Normal space, SRAM with byte selection
64 Mbytes
H'0800 0000 to H'0BFF FFFF
CS2
Normal space, SRAM with byte selection,
SDRAM
64 Mbytes
H'0C00 0000 to H'0FFF FFFF
CS3
Normal space, SRAM with byte selection,
SDRAM
64 Mbytes
H'1000 0000 to H'13FF FFFF
CS4
Normal space, SRAM with byte selection,
burst ROM (asynchronous)
64 Mbytes
H'1400 0000 to H'17FF FFFF
CS5
Normal space, SRAM with byte selection,
MPX-I/O
64 Mbytes
H'1800 0000 to H'1BFF FFFF
CS6
Normal space, SRAM with byte selection
64 Mbytes
H'1C00 0000 to H'1FFF FFFF
CS7
Normal space, SRAM with byte selection
64 Mbytes
H'2000 0000 to H'FFF7 FFFF
Other
Reserved area
⎯
H'FFF8 0000 to H'FFFB FFFF
Other
On-chip RAM, reserved area*
⎯
H'FFFC 0000 to H'FFFF FFFF
Other
On-chip peripheral modules, reserved area*
⎯
Note:
*
For the on-chip RAM space, access the addresses shown in section 22, On-Chip RAM.
For the on-chip I/O register space, access the addresses shown in section 26, List of
Registers. Do not access addresses which are not described in these sections.
Otherwise, the correct operation cannot be guaranteed.
8.3.2
Setting Operating Modes
This LSI can set the following modes of operation at the time of power-on reset using the external
pins.
• Single-Chip Mode
In single-chip mode, no access is made to the external bus, and the LSI is activated by the on-
chip ROM program upon a power-on reset. The BSC module enters the module standby state
to reduce power consumption.
• On-Chip ROM-Enabled Mode/On-Chip ROM-Disabled Mode
In on-chip ROM-enabled mode, since the first half of area 0 is allocated to the on-chip ROM,
the LSI can be activated by the on-chip ROM program upon a power-on reset. The second half
of area 0 is the external memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com