Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 224Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 225Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 226Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 227Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 228Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 229Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 230Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 231Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 204 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
12, 11
SW[1:0]
00
R/W
Number of Delay Cycles from Address,
CS5 Assertion
to
RD, WE Assertion
Specify the number of delay cycles from address and
CS5 assertion to RD and WE assertion.
00: 0.5 cycles
01: 1.5 cycles
10: 2.5 cycles
11: 3.5 cycles
10 to 7
WR[3:0]
1010
R/W
Number of Read Access Wait Cycles
Specify the number of cycles that are necessary for
read access.
0000: No cycle
0001: 1 cycle
0010: 2 cycles
0011: 3 cycles
0100: 4 cycles
0101: 5 cycles
0110: 6 cycles
0111: 8 cycles
1000: 10 cycles
1001: 12 cycles
1010: 14 cycles
1011: 18 cycles
1100: 24 cycles
1101: Reserved (setting prohibited)
1110: Reserved (setting prohibited)
1111: Reserved (setting prohibited)
6
WM
0
R/W
External Wait Mask Specification
Specifies whether or not the external wait input is
valid. The specification by this bit is valid even when
the number of access wait cycle is 0.
0: External wait input is valid
1: External wait input is ignored
5 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com