Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 272Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 273Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 274Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 275Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 276Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 277Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 278Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 279Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 252 of 1200
REJ09B0344-0200
be specified as 1 to 4 cycles. This CAS latency can be achieved by connecting a latch circuit
between this LSI and the SDRAM.
A Tde cycle is an idle cycle required to transfer the read data into this LSI and occurs once for
every burst read or every single read.
Tc4
CK
A25 to A0
CSn
RD/
WR
RASL, RASU
DQMxx
D15 to D0
BS
(Tap)
DACKn*2
Tr
Tc2
Tc3
Tc1
Td4
Tde
Td2
Td3
Td1
A12/A11*1
CASL, CASU
Notes: 1. Address pin to be connected to pin A10 of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 8.14 Burst Read Basic Timing (CAS Latency 1, Auto-Precharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com