Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 278Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 279Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 280Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 281Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 282Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 283Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 284Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 285Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 258 of 1200
REJ09B0344-0200
(7)
Bank Active
The SDRAM bank function can be used to support high-speed access to the same row address.
When the BACTV bit in SDCR is 1, access is performed using commands without auto-precharge
(READ or WRIT). This function is called bank-active function. This function is valid only for
either the upper or lower bits of area 3. When area 3 is set to bank-active mode, area 2 should be
set to normal space or SRAM with byte selection. When areas 2 and 3 are both set to SDRAM or
both the upper and lower bits of area 3 are connected to SDRAM, auto-precharge mode must be
set.
When the bank-active function is used, precharging is not performed when the access ends. When
accessing the same row address in the same bank, it is possible to issue the READ or WRIT
command immediately, without issuing an ACTV command. As SDRAM is internally divided
into several banks, it is possible to activate one row address in each bank. If the next access is to a
different row address, a PRE command is first issued to precharge the relevant bank, then when
precharging is completed, the access is performed by issuing an ACTV command followed by a
READ or WRIT command. If this is followed by an access to a different row address, the access
time will be longer because of the precharging performed after the access request is issued. The
number of cycles between issuance of the PRE command and the ACTV command is determined
by the WTRP1 and WTPR0 bits in CS3WCR.
In a write, when an auto-precharge is performed, a command cannot be issued to the same bank
for a period of Trwl + Tap cycles after issuance of the WRITA command. When bank active mode
is used, READ or WRIT commands can be issued successively if the row address is the same. The
number of cycles can thus be reduced by Trwl + Tap cycles for each write.
There is a limit on tRAS, the time for placing each bank in the active state. If there is no guarantee
that there will not be a cache hit and another row address will be accessed within the period in
which this value is maintained by program execution, it is necessary to set auto-refresh and set the
refresh cycle to no more than the maximum value of tRAS.
A burst read cycle without auto-precharge is shown in figure 8.19, a burst read cycle for the same
row address in figure 8.20, and a burst read cycle for different row addresses in figure 8.21.
Similarly, a burst write cycle without auto-precharge is shown in figure 8.22, a burst write cycle
for the same row address in figure 8.23, and a burst write cycle for different row addresses in
figure 8.24.
In figure 8.20, a Tnop cycle in which no operation is performed is inserted before the Tc cycle that
issues the READ command. The Tnop cycle is inserted to acquire two cycles of CAS latency for
the
DQMxx signal that specifies the read byte in the data read from the SDRAM. If the CAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com