Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 819 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 819 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 815Page - Renesas Technology Corp H8SX1663 Datasheet HTML 816Page - Renesas Technology Corp H8SX1663 Datasheet HTML 817Page - Renesas Technology Corp H8SX1663 Datasheet HTML 818Page - Renesas Technology Corp H8SX1663 Datasheet HTML 819Page - Renesas Technology Corp H8SX1663 Datasheet HTML 820Page - Renesas Technology Corp H8SX1663 Datasheet HTML 821Page - Renesas Technology Corp H8SX1663 Datasheet HTML 822Page - Renesas Technology Corp H8SX1663 Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 767 of 1102
REJ09B0294-0100
16.3.15
EP3 Data Register (EPDR3)
EPDR3 is an 8-byte transmit FIFO buffer for endpoint 3. EPDR3 holds one packet of transmit data
for the interrupt transfer of endpoint 3. Transmit data is fixed by writing one packet of data and
setting EP3PKTE in the trigger register. When an ACK handshake is returned from the host after
one packet of data has been transmitted successfully, EP3TS in interrupt flag register 0 is set. This
FIFO buffer can be initialized by means of EP3CLR in the FCLR register.
Bit
Bit Name
Initial Value
R/W
7
D7
Undefined
W
6
D6
Undefined
W
5
D5
Undefined
W
4
D4
Undefined
W
3
D3
Undefined
W
2
D2
Undefined
W
1
D1
Undefined
W
0
D0
Undefined
W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined W
Data register for endpoint 3 transfer
16.3.16
EP0o Receive Data Size Register (EPSZ0o)
EPSZ0o indicates the number of bytes received at endpoint 0 from the host.
Bit
Bit Name
Initial Value
R/W
7
—
0
R
6
—
0
R
5
—
0
R
4
—
0
R
3
—
0
R
2
—
0
R
1
—
0
R
0
—
0
R
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
—
All 0
R
Number of receive data for endpoint 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com