Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 821 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 821 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 817Page - Renesas Technology Corp H8SX1663 Datasheet HTML 818Page - Renesas Technology Corp H8SX1663 Datasheet HTML 819Page - Renesas Technology Corp H8SX1663 Datasheet HTML 820Page - Renesas Technology Corp H8SX1663 Datasheet HTML 821Page - Renesas Technology Corp H8SX1663 Datasheet HTML 822Page - Renesas Technology Corp H8SX1663 Datasheet HTML 823Page - Renesas Technology Corp H8SX1663 Datasheet HTML 824Page - Renesas Technology Corp H8SX1663 Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 769 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
EP1 RDFN
Undefined
W
EP1 Read Complete
Write 1 to this bit after one packet of data has been
read from the endpoint 1 FIFO buffer. The endpoint 1
receive FIFO buffer has a dual-buffer configuration.
Writing 1 to this bit initializes the FIFO that was read,
enabling the next packet to be received.
4
EP2 PKTE
Undefined
W
EP2 Packet Enable
After one packet of data has been written to the
endpoint 2 transmit FIFO buffer, the transmit data is
fixed by writing 1 to this bit.
3
Undefined
Reserved
The write value should always be 0.
2
EP0s RDFN Undefined
W
EP0s Read Complete
Write 1 to this bit after data for the EP0s command
FIFO has been read. Writing 1 to this bit enables
transfer of data in the following data stage. A NACK
handshake is returned in response to transfer
requests from the host in the data stage until 1 is
written to this bit.
1
EP0o RDFN Undefined
W
EP0o Read Complete
Writing 1 to this bit after one packet of data has been
read from the endpoint 0 transmit FIFO buffer
initializes the FIFO buffer, enabling the next packet to
be received.
0
EP0i PKTE
Undefined
W
EP0i Packet Enable
After one packet of data has been written to the
endpoint 0 transmit FIFO buffer, the transmit data is
fixed by writing 1 to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com