Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 820 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 820 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 816Page - Renesas Technology Corp H8SX1663 Datasheet HTML 817Page - Renesas Technology Corp H8SX1663 Datasheet HTML 818Page - Renesas Technology Corp H8SX1663 Datasheet HTML 819Page - Renesas Technology Corp H8SX1663 Datasheet HTML 820Page - Renesas Technology Corp H8SX1663 Datasheet HTML 821Page - Renesas Technology Corp H8SX1663 Datasheet HTML 822Page - Renesas Technology Corp H8SX1663 Datasheet HTML 823Page - Renesas Technology Corp H8SX1663 Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 768 of 1102
REJ09B0294-0100
16.3.17
EP1 Receive Data Size Register (EPSZ1)
EPSZ1 is a receive data size resister for endpoint 1. EPSZ1 indicates the number of bytes received
from the host. The FIFO for endpoint 1 has a dual-buffer configuration. The size of the received
data indicated by this register is the size of the currently selected side (can be read by CPU).
Bit
Bit Name
Initial Value
R/W
7
—
0
R
6
—
0
R
5
—
0
R
4
—
0
R
3
—
0
R
2
—
0
R
1
—
0
R
0
—
0
R
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
—
All 0
R
Number of received bytes for endpoint 1
16.3.18
Trigger Register (TRG)
TRG generates one-shot triggers to control the transfer sequence for each endpoint.
Bit
Bit Name
Initial Value
R/W
7
Undefined
6
EP3 PKTE
Undefined
W
5
EP1 RDFN
Undefined
W
4
EP2 PKTE
Undefined
W
3
Undefined
2
EP0s RDFN
Undefined
W
1
EP0o RDFN
Undefined
W
0
EP0i PKTE
Undefined
W
Bit
Bit Name
Initial
Value
R/W
Description
7
Undefined
Reserved
The write value should always be 0.
6
EP3 PKTE
Undefined
W
EP3 Packet Enable
After one packet of data has been written to the
endpoint 3 transmit FIFO buffer, the transmit data is
fixed by writing 1 to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com