Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 823 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 823 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 819Page - Renesas Technology Corp H8SX1663 Datasheet HTML 820Page - Renesas Technology Corp H8SX1663 Datasheet HTML 821Page - Renesas Technology Corp H8SX1663 Datasheet HTML 822Page - Renesas Technology Corp H8SX1663 Datasheet HTML 823Page - Renesas Technology Corp H8SX1663 Datasheet HTML 824Page - Renesas Technology Corp H8SX1663 Datasheet HTML 825Page - Renesas Technology Corp H8SX1663 Datasheet HTML 826Page - Renesas Technology Corp H8SX1663 Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 771 of 1102
REJ09B0294-0100
16.3.20
FIFO Clear Register (FCLR)
FCLR is a register to initialize the FIFO buffers for each endpoint. Writing 1 to a bit clears all the
data in the corresponding FIFO buffer. Note that the corresponding interrupt flag is not cleared.
Do not clear a FIFO buffer during transfer.
Bit
Bit Name
Initial Value
R/W
7
Undefined
6
EP3 CLR
Undefined
W
5
EP1 CLR
Undefined
W
4
EP2 CLR
Undefined
W
3
Undefined
2
Undefined
1
EP0o CLR
Undefined
W
0
EP0i CLR
Undefined
W
Bit
Bit Name
Initial
Value
R/W
Description
7
Undefined
Reserved
The write value should always be 0.
6
EP3 CLR
Undefined
W
EP3 Clear
Writing 1 to this bit initializes the endpoint 3 transmit
FIFO buffer.
5
EP1 CLR
Undefined
W
EP1 Clear
Writing 1 to this bit initializes both sides of the
endpoint 1 receive FIFO buffer.
4
EP2 CLR
Undefined
W
EP2 Clear
Writing 1 to this bit initializes both sides of the
endpoint 2 transmit FIFO buffer.
3
2
Undefined
Reserved
The write value should always be 0.
1
EP0o CLR
Undefined
W
EP0o Clear
Writing 1 to this bit initializes the endpoint 0 receive
FIFO buffer.
0
EP0i CLR
Undefined
W
EP0i Clear
Writing 1 to this bit initializes the endpoint 0 transmit
FIFO buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com