Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 820Page - Renesas Technology Corp H8SX1663 Datasheet HTML 821Page - Renesas Technology Corp H8SX1663 Datasheet HTML 822Page - Renesas Technology Corp H8SX1663 Datasheet HTML 823Page - Renesas Technology Corp H8SX1663 Datasheet HTML 824Page - Renesas Technology Corp H8SX1663 Datasheet HTML 825Page - Renesas Technology Corp H8SX1663 Datasheet HTML 826Page - Renesas Technology Corp H8SX1663 Datasheet HTML 827Page - Renesas Technology Corp H8SX1663 Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 772 of 1102
REJ09B0294-0100
16.3.21
DMA Transfer Setting Register (DMA)
DMA transfer can be carried out between the endpoint 1 and 2 data registers and memory by
means of the on-chip direct memory access controller (DMAC). Dual address transfer is
performed in bytes. To start DMA transfer, DMAC settings must be made in addition to the
settings in this register.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
PULLUP_E
0
R/W
1
EP2DMAE
0
R/W
0
EP1DMAE
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
0
0
0
0
0
R
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
PULLUP_E
0
R/W
PULLUP Enable
This pin performs the pull-up control for the D+ pin,
with using PM4 as the pull-up control pin.
0: D+ is not pulled up.
1: D+ is pulled up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com