Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 343Page - Renesas Technology Corp H8S/2426 Datasheet HTML 344Page - Renesas Technology Corp H8S/2426 Datasheet HTML 345Page - Renesas Technology Corp H8S/2426 Datasheet HTML 346Page - Renesas Technology Corp H8S/2426 Datasheet HTML 347Page - Renesas Technology Corp H8S/2426 Datasheet HTML 348Page - Renesas Technology Corp H8S/2426 Datasheet HTML 349Page - Renesas Technology Corp H8S/2426 Datasheet HTML 350Page - Renesas Technology Corp H8S/2426 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 319 of 1270
REJ09B0466-0100
(2)
Full Address Mode
• DMACR_0A and DMACR_1A
Bit
Bit Name
Initial Value
R/W
Description
15
DTSZ
0
R/W
Data Transfer Size
Selects the size of data to be transferred at one
time.
0: Byte-size transfer
1: Word-size transfer
14
13
SAID
SAIDE
0
0
R/W
R/W
Source Address Increment/Decrement
Source Address Increment/Decrement Enable
These bits specify whether source address
register MARA is to be incremented,
decremented, or left unchanged, when data
transfer is performed.
00: MARA is fixed
01: MARA is incremented after a data transfer
• When DTSZ = 0, MARA is incremented by 1
• When DTSZ = 1, MARA is incremented by 2
10: MARA is fixed
11: MARA is decremented after a data transfer
• When DTSZ = 0, MARA is decremented by 1
• When DTSZ = 1, MARA is decremented by 2
12
11
BLKDIR
BLKE
0
0
R/W
R/W
Block Direction
Block Enable
These bits specify whether normal mode or block
transfer mode is to be used for data transfer. If
block transfer mode is specified, the BLKDIR bit
specifies whether the source side or the
destination side is to be the block area.
x0: Transfer in normal mode
01: Transfer in block transfer mode (destination
side is block area)
11: Transfer in block transfer mode (source side is
block area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com