Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 346Page - Renesas Technology Corp H8S/2426 Datasheet HTML 347Page - Renesas Technology Corp H8S/2426 Datasheet HTML 348Page - Renesas Technology Corp H8S/2426 Datasheet HTML 349Page - Renesas Technology Corp H8S/2426 Datasheet HTML 350Page - Renesas Technology Corp H8S/2426 Datasheet HTML 351Page - Renesas Technology Corp H8S/2426 Datasheet HTML 352Page - Renesas Technology Corp H8S/2426 Datasheet HTML 353Page - Renesas Technology Corp H8S/2426 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 322 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
3
2
1
0
DTF3
DTF2
DTF1
DTF0
0
0
0
0
R/W
R/W
R/W
R/W
• Block Transfer Mode
0000: Setting prohibited
0001: Activated by A/D converter conversion end
interrupt
0010: Activated by
DREQ pin falling edge input
(detected as a low level in the first transfer
after transfer is enabled)
0011: Activated by
DREQ pin low-level input
0100: Activated by SCI channel 0 transmission
complete interrupt
0101: Activated by SCI channel 0 reception
complete interrupt
0110: Activated by SCI channel 1 transmission
complete interrupt
0111: Activated by SCI channel 1 reception
complete interrupt
1000: Activated by TPU channel 0 compare
match/input capture A interrupt
1001: Activated by TPU channel 1 compare
match/input capture A interrupt
1010: Activated by TPU channel 2 compare
match/input capture A interrupt
1011: Activated by TPU channel 3 compare
match/input capture A interrupt
1100: Activated by TPU channel 4 compare
match/input capture A interrupt
1101: Activated by TPU channel 5 compare
match/input capture A interrupt
1110: Setting prohibited
1111: Setting prohibited
The same factor can be selected for more than
one channel. In this case, activation starts with the
highest-priority channel according to the relative
channel priorities. For relative channel priorities,
see section 7.5.12, Multi-Channel Operation.
Legend:
×: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com