Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 347Page - Renesas Technology Corp H8S/2426 Datasheet HTML 348Page - Renesas Technology Corp H8S/2426 Datasheet HTML 349Page - Renesas Technology Corp H8S/2426 Datasheet HTML 350Page - Renesas Technology Corp H8S/2426 Datasheet HTML 351Page - Renesas Technology Corp H8S/2426 Datasheet HTML 352Page - Renesas Technology Corp H8S/2426 Datasheet HTML 353Page - Renesas Technology Corp H8S/2426 Datasheet HTML 354Page - Renesas Technology Corp H8S/2426 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 323 of 1270
REJ09B0466-0100
7.3.5
DMA Band Control Registers H and L (DMABCRH and DMABCRL)
DMABCR controls the operation of each DMAC channel. The bit functions in the DMABCR
registers differ according to the transfer mode.
(1)
Short Address Mode:
• DMABCRH
Bit
Bit Name
Initial Value
R/W
Description
15
FAE1
0
R/W
Full Address Enable 1
Specifies whether channel 1 is to be used in short
address mode or full address mode. In short
address mode, channels 1A and 1B can be used
as independent channels.
0: Short address mode
1: Full address mode
14
FAE0
0
R/W
Full Address Enable 0
Specifies whether channel 0 is to be used in short
address mode or full address mode. In short
address mode, channels 0A and 0B can be used
as independent channels.
0: Short address mode
1: Full address mode
13
SAE1
0
R/W
Single Address Enable 1
Specifies whether channel 1B is to be used for
transfer in dual address mode or single address
mode. This bit is invalid in full address mode.
0: Dual address mode
1: Single address mode
12
SAE0
0
R/W
Single Address Enable 0
Specifies whether channel 0B is to be used for
transfer in dual address mode or single address
mode. This bit is invalid in full address mode.
0: Dual address mode
1: Single address mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com