| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 407 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 407 Page - Renesas Technology Corp |
|
407 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 379 of 1270 REJ09B0466-0100 (4) DREQ Pin Low Level Activation Timing Set the DTA bit in DMABCRH to 1 for the channel for which the DREQ pin is selected. Figure 7.31 shows an example of single address mode transfer activated by the DREQ pin low level. DREQ Bus release DMA single Address bus φ DMA control Channel [2] DACK Transfer source/ destination Idle Idle Idle [1] [3] [5] [4] [6] [7] Acceptance resumes Acceptance resumes Bus release DMA single Bus release Transfer source/ destination Request Request Request clear period Request clear period Single Single Minimum of 2 cycles Minimum of 2 cycles [1] Acceptance after transfer enabling; the DREQ pin low level is sampled on the rising edge of φ, and the request is held. [2] [5] The request is cleared at the next bus break, and activation is started in the DMAC. [3] [6] The DMAC cycle is started. [4] [7] Acceptance is resumed after the single cycle is completed. (As in [1], the DREQ pin low level is sampled on the rising edge of φ, and the request is held.) Note: In write data buffer mode, bus breaks from [2] to [7] may be hidden, and not visible. Figure 7.31 Example of DREQ Pin Low Level Activated Single Address Mode Transfer DREQ pin sampling is performed every cycle, with the rising edge of the next φ cycle after the end of the DMABCR write cycle for setting the transfer enabled state as the starting point. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |