Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 407Page - Renesas Technology Corp H8S/2426 Datasheet HTML 408Page - Renesas Technology Corp H8S/2426 Datasheet HTML 409Page - Renesas Technology Corp H8S/2426 Datasheet HTML 410Page - Renesas Technology Corp H8S/2426 Datasheet HTML 411Page - Renesas Technology Corp H8S/2426 Datasheet HTML 412Page - Renesas Technology Corp H8S/2426 Datasheet HTML 413Page - Renesas Technology Corp H8S/2426 Datasheet HTML 414Page - Renesas Technology Corp H8S/2426 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 383 of 1270
REJ09B0466-0100
7.5.13
Relation between DMAC and External Bus Requests, Refresh Cycles,
and EXDMAC
When the DMAC accesses external space, contention with a refresh cycle, EXDMAC cycle, or
external bus release cycle may arise. In this case, the bus controller will suspend the transfer and
insert a refresh cycle, EXDMAC cycle, or external bus release cycle, in accordance with the
external bus priority order, even if the DMAC is executing a burst transfer or block transfer. (An
external access by the DTC or CPU, which has a lower priority than the DMAC, is not executed
until the DMAC releases the external bus.)
When the DMAC transfer mode is dual address mode, the DMAC releases the external bus after
an external write cycle. The external read cycle and external write cycle are inseparable, and so the
bus cannot be released between these two cycles.
When the DMAC accesses internal space (on-chip memory or an internal I/O register), the DMAC
cycle may be executed at the same time as a refresh cycle, EXDMAC cycle, or external bus
release cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com