Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 405Page - Renesas Technology Corp H8S/2426 Datasheet HTML 406Page - Renesas Technology Corp H8S/2426 Datasheet HTML 407Page - Renesas Technology Corp H8S/2426 Datasheet HTML 408Page - Renesas Technology Corp H8S/2426 Datasheet HTML 409Page - Renesas Technology Corp H8S/2426 Datasheet HTML 410Page - Renesas Technology Corp H8S/2426 Datasheet HTML 411Page - Renesas Technology Corp H8S/2426 Datasheet HTML 412Page - Renesas Technology Corp H8S/2426 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 381 of 1270
REJ09B0466-0100
Figure 7.33 shows an example of single address transfer using the write data buffer function. In
this example, the CPU program area is in on-chip memory.
Internal address
φ
Internal read signal
RD
DACK
External address
DMA
read
DMA
single
CPU
read
DMA
single
CPU
read
Figure 7.33 Example of Single Address Transfer Using Write Data Buffer Function
When the write data buffer function is activated, the DMAC recognizes that the bus cycle
concerned has ended, and starts the next operation. Therefore,
DREQ pin sampling is started one
state after the start of the DMA write cycle or single address transfer.
7.5.12
Multi-Channel Operation
The DMAC channel priority order is: channel 0 > channel 1, and channel A > channel B. Table
7.11 summarizes the priority order for DMAC channels.
Table 7.11
DMAC Channel Priority Order
Short Address Mode
Full Address Mode
Priority
Channel 0A
Channel 0
High
Channel 0B
Channel 1A
Channel 1
Channel 1B
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com