Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 408Page - Renesas Technology Corp H8S/2426 Datasheet HTML 409Page - Renesas Technology Corp H8S/2426 Datasheet HTML 410Page - Renesas Technology Corp H8S/2426 Datasheet HTML 411Page - Renesas Technology Corp H8S/2426 Datasheet HTML 412Page - Renesas Technology Corp H8S/2426 Datasheet HTML 413Page - Renesas Technology Corp H8S/2426 Datasheet HTML 414Page - Renesas Technology Corp H8S/2426 Datasheet HTML 415Page - Renesas Technology Corp H8S/2426 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 384 of 1270
REJ09B0466-0100
7.5.14
DMAC and NMI Interrupts
When an NMI interrupt is requested, burst mode transfer in full address mode is interrupted. An
NMI interrupt does not affect the operation of the DMAC in other modes.
In full address mode, transfer is enabled for a channel when both the DTE bit and DTME bit in
DMABCRLare set to 1. With burst mode setting, the DTME bit is cleared when an NMI interrupt
is requested.
If the DTME bit is cleared during burst mode transfer, the DMAC discontinues transfer on
completion of the 1-byte or 1-word transfer in progress, then releases the bus, which passes to the
CPU.
The channel on which transfer was interrupted can be restarted by setting the DTME bit to 1
again. Figure 7.35 shows the procedure for continuing transfer when it has been interrupted by an
NMI interrupt on a channel designated for burst mode transfer.
Resumption of
transfer on interrupted
channel
Set DTME bit to 1
Transfer continues
[1]
[2]
DTE bit = 1
DTME bit = 0
Transfer ends
No
Yes
[1]
[2]
Check that DTE = 1 and
DTME = 0 in DMABCRL.
Write 1 to the DTME bit.
Figure 7.35 Example of Procedure for Continuing Transfer on Channel Interrupted by
NMI Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com