Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 531Page - Renesas Technology Corp H8S/2426 Datasheet HTML 532Page - Renesas Technology Corp H8S/2426 Datasheet HTML 533Page - Renesas Technology Corp H8S/2426 Datasheet HTML 534Page - Renesas Technology Corp H8S/2426 Datasheet HTML 535Page - Renesas Technology Corp H8S/2426 Datasheet HTML 536Page - Renesas Technology Corp H8S/2426 Datasheet HTML 537Page - Renesas Technology Corp H8S/2426 Datasheet HTML 538Page - Renesas Technology Corp H8S/2426 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 507 of 1270
REJ09B0466-0100
• P16/PO14/TIOCA2/EDRAK2/SSCK0-A
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, TPU channel 2 settings (by bits MD3 to MD0 in TMDR_2, bits IOA3 to
IOA0 in TIOR_2, and bits CCLR1 and CCLR0 in TCR_2), bit NDER14 in NDERH of the
PPG, bit EDRAKE in EDMDR_2 of the EXDMAC, bits MSS and SCKS in SSCRH and bit
SSUMS in SSCRL of the SSU, bits SSCK0S1 and SSCK0S0 in PFCR5, and bit P16DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
SSU settings
Can be used as I/O port
Input state Output state
EDRAKE
0
1
TPU channel 2
settings
(1) in table
below
(2) in table below
P16DDR
0
1
1
0
NDER14
0
1
P16 input P16 output
PO14
output
EDRAK2
output
Pin function
TIOCA2
output
TIOCA2 input*
1
SSCK0-A
input*
3
SSCK0-A
output*
4
• Mode 7 (EXPE = 0)
SSU settings
Can be used as I/O port
Input state
Output state
EDRAKE
0
TPU channel 2
settings
(1) in table
below
(2) in table below
P16DDR
0
1
1
0
NDER14
0
1
P16
input
P16
output
PO14
output
Pin function
TIOCA2
output
TIOCA2 input*
1
SSCK0-A
input*
3
SSCK0-A
output*
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com