Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 535Page - Renesas Technology Corp H8S/2426 Datasheet HTML 536Page - Renesas Technology Corp H8S/2426 Datasheet HTML 537Page - Renesas Technology Corp H8S/2426 Datasheet HTML 538Page - Renesas Technology Corp H8S/2426 Datasheet HTML 539Page - Renesas Technology Corp H8S/2426 Datasheet HTML 540Page - Renesas Technology Corp H8S/2426 Datasheet HTML 541Page - Renesas Technology Corp H8S/2426 Datasheet HTML 542Page - Renesas Technology Corp H8S/2426 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 511 of 1270
REJ09B0466-0100
• P14/PO12/TIOCA1/SSO0-A
The pin function is switched as shown below according to the combination of the TPU channel
1 settings (by bits MD3 to MD0 in TMDR_1, bits IOA3 to IOA0 in TIOR_1, and bits CCLR1
and CCLR0 in TCR_1), bit NDER12 in NDERH of the PPG, bits MSS and BIDE in SSCRH,
bit SSUMS in SSCRL, and bits TE and RE in SSER of the SSU, bits SSO0S1 and SSO0S0 in
PFCR5, and bit P14DDR.
SSU settings
Can be used as I/O port
Input state
Output state
TPU channel 1
settings
(1) in table
below
(2) in table below
P14DDR
0
1
1
0
NDER12
0
1
P14
input
P14
output
PO12
output
Pin function
TIOCA1
output
TIOCA1 input*
1
SS
O0-A
input*
3
SS
O0-A
output*
4
TPU channel 1
settings
(2)
(1)
(2)
(1)
(1)
(2)
MD3 to MD0
B'0000, B'01
××
B'001
×
B'0010
B'0011
IOA3 to IOA0
B'0000,
B'0100,
B'1
×××
B'0001 to
B'0011,
B'0101 to
B'0111
B'
××00
Other than
B'
××00
Other than B'
××00
CCLR1,
CCLR0
Other than
B'01
B'01
Output function
Output
compare
output
PWM*
2 mode
1 output
PWM mode
2 output
Legend:
×: Don’t care
Notes: 1. TIOCA1 input when MD3 to MD0 = B'0000 or B'01
×× and IOA3 to IOA0 = B'10××.
2. TIOCB1 output disabled.
3. SSO0-A input when SSO0S1 and SSO0S0 = B'00 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'000
×1 or B'01×01. Do not set up for TPU output with SSO0-A input.
4. SSO0-A output when SSO0S1 and SSO0S0 = B'00 in PFCR5, and SSUMS, BIDE,
MSS, TE, and RE = B'0011
×, B'01×10, or B'10×1×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com