Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 533Page - Renesas Technology Corp H8S/2426 Datasheet HTML 534Page - Renesas Technology Corp H8S/2426 Datasheet HTML 535Page - Renesas Technology Corp H8S/2426 Datasheet HTML 536Page - Renesas Technology Corp H8S/2426 Datasheet HTML 537Page - Renesas Technology Corp H8S/2426 Datasheet HTML 538Page - Renesas Technology Corp H8S/2426 Datasheet HTML 539Page - Renesas Technology Corp H8S/2426 Datasheet HTML 540Page - Renesas Technology Corp H8S/2426 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 509 of 1270
REJ09B0466-0100
• P15/PO13/TIOCB1/TCLKC/SSI0-A
The pin function is switched as shown below according to the combination of the TPU channel
1 settings (by bits MD3 to MD0 in TMDR_1, bits IOB3 to IOB0 in TIOR_1, and bits CCLR1
and CCLR0 in TCR_1), bits TPSC2 to TPSC0 in TCR_0, TCR_2, TCR_4, and TCR_5, bit
NDER13 in NDERH of the PPG, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and
bits TE and RE in SSER of the SSU, bits SSI0S1 and SSI0S0 in PFCR5, and bit P15DDR.
SSU settings
Can be used as I/O port
Input state
Output state
TPU channel 1
settings
(1) in table
below
(2) in table below
P15DDR
0
1
1
0
NDER13
0
1
P15
input
P15
output
PO13 output
TIOCB1
output
TIOCB1 input*
1
Pin function
TCLKC input*
2
SSI0-A
input*
3
SSI0-A
output*
4
Notes: 1. TIOCB1 input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 to IOB0 = B'10××.
2. TCLKC input when the setting for either TCR_0 or TCR_2 is TPSC2 to TPSC0 = B'111,
or when the setting for either TCR_4 or TCR_5 is TPSC2 to TPSC0 = B'101. TCLKC
input when phase counting mode is set for channels 2 and 4.
3. SSI0-A input when SSI0S1 and SSI0S0 = B'00 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'001
×1 or B'10××1. Do not set up for TPU output with SSI0-A input.
4. SSI0-A output when SSI0S1 and SSI0S0 = B'00 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'0001
×.
TPU channel 1
settings
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01
××
B'0010
B'0011
IOB3 to IOB0
B'0000,
B'0100,
B'1
×××
B'0001 to
B'0011,
B'0101 to
B'0111
B'
××00
Other than B'
××00
CCLR1,
CCLR0
Other than
B'10
B'10
Output function
Output
compare
output
PWM mode
2 output
Legend:
×: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com