Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 541Page - Renesas Technology Corp H8S/2426 Datasheet HTML 542Page - Renesas Technology Corp H8S/2426 Datasheet HTML 543Page - Renesas Technology Corp H8S/2426 Datasheet HTML 544Page - Renesas Technology Corp H8S/2426 Datasheet HTML 545Page - Renesas Technology Corp H8S/2426 Datasheet HTML 546Page - Renesas Technology Corp H8S/2426 Datasheet HTML 547Page - Renesas Technology Corp H8S/2426 Datasheet HTML 548Page - Renesas Technology Corp H8S/2426 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 517 of 1270
REJ09B0466-0100
(2) Pin Functions of H8S/2424 Group
• P17/PO15/TIOCB2/TCLKD/SCS0-A
The pin function is switched as shown below according to the combination of the TPU channel
2 settings (by bits MD3 to MD0 in TMDR_2, bits IOB3 to IOB0 in TIOR_2, and bits CCLR1
and CCLR0 in TCR_2), bits TPSC2 to TPSC0 in TCR_0 and TCR_5, bit NDER15 in NDERH
of the PPG, bits MSS, CSS1, and CSS0 in SSCRH and bit SSUMS in SSCRL of the SSU, bits
SCS0S1 and SCS0S0 in PFCR5, and bit P17DDR.
SSU settings
Can be used as I/O port
Input state
Output state
TPU channel 2
settings
(1) in table
below
(2) in table below
P17DDR
0
1
1
0
NDER15
0
1
P17
input
P17
output
PO15
output
TIOCB2
output
TIOCB2 input*
1
Pin function
TCLKD input*
2
SCS0-A
input*
3
SCS0-A
output*
4
Notes: 1. TIOCB2 input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 = 1.
2. TCLKD input when the setting for either TCR_0 or TCR_5 is TPSC2 to TPSC0 = B'111.
TCLKD input when channels 2 and 4 are set to phase counting mode.
3.
SCS0-A input when SCS0S1 and SCS0S0 = B'00 in PFCR5, and SSUMS, MSS, CSS1,
and CSS0 = B'00
××, B'0101, or B'0110. Do not set up for TPU output with
SCS0-A
input.
4.
SCS0-A output when SCS0S1 and SCS0S0 = B'00 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'011
×.
TPU channel 2
settings
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01
××
B'0010
B'0011
IOB3 to IOB0
B'0000,
B'0100,
B'1
×××
B'0001 to
B'0011,
B'0101 to
B'0111
B'
××00
Other than B'
××00
CCLR1,
CCLR0
Other than
B'10
B'10
Output function
Output
compare
output
PWM mode
2 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com