Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 542Page - Renesas Technology Corp H8S/2426 Datasheet HTML 543Page - Renesas Technology Corp H8S/2426 Datasheet HTML 544Page - Renesas Technology Corp H8S/2426 Datasheet HTML 545Page - Renesas Technology Corp H8S/2426 Datasheet HTML 546Page - Renesas Technology Corp H8S/2426 Datasheet HTML 547Page - Renesas Technology Corp H8S/2426 Datasheet HTML 548Page - Renesas Technology Corp H8S/2426 Datasheet HTML 549Page - Renesas Technology Corp H8S/2426 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 518 of 1270
REJ09B0466-0100
SCS pin settings
SSUMS
0
1
MSS
0
1
×
CSS1
×
0
1
×
CSS0
×
0
1
0
1
×
Pin state
Input
Input
Automatic I/O
Output
Legend:
×: Don’t care
: Pin is not used by the SSU (can be used as I/O port)
• P16/PO14/TIOCA2/SSCK0-A
The pin function is switched as shown below according to the combination of the TPU channel
2 settings (by bits MD3 to MD0 in TMDR_2, bits IOA3 to IOA0 in TIOR_2, and bits CCLR1
and CCLR0 in TCR_2), bit NDER14 in NDERH of the PPG, bits MSS and SCKS in SSCRH
and bit SSUMS in SSCRL of the SSU, bits SSCK0S1 and SSCK0S0 in PFCR5, and bit
P16DDR.
SSU settings
Can be used as I/O port
Input state
Output state
TPU channel 2
settings
(1) in table
below
(2) in table below
P16DDR
0
1
1
0
NDER14
0
1
P16 input
P16 output
PO14 output
Pin function
TIOCA2
output
TIOCA2 input*
1
SSCK0-A
input*
3
SSCK0-A
output*
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com