Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 544Page - Renesas Technology Corp H8S/2426 Datasheet HTML 545Page - Renesas Technology Corp H8S/2426 Datasheet HTML 546Page - Renesas Technology Corp H8S/2426 Datasheet HTML 547Page - Renesas Technology Corp H8S/2426 Datasheet HTML 548Page - Renesas Technology Corp H8S/2426 Datasheet HTML 549Page - Renesas Technology Corp H8S/2426 Datasheet HTML 550Page - Renesas Technology Corp H8S/2426 Datasheet HTML 551Page - Renesas Technology Corp H8S/2426 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 520 of 1270
REJ09B0466-0100
• P15/DACK1/PO13/TIOCB1/TCLKC/SSI0-A
The pin function is switched as shown below according to the combination of bit SAE1 in
DMABCRH of the DMAC, TPU channel 1 settings (by bits MD3 to MD0 in TMDR_1, bits
IOB3 to IOB0 in TIOR_1, and bits CCLR1 and CCLR0 in TCR_1), bits TPSC2 to TPSC0 in
TCR_0, TCR_2, TCR_4, and TCR_5, bit NDER13 in NDERH of the PPG, bits MSS and
BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE in SSER of the SSU, bits SSI0S1
and SSI0S0 in PFCR5, and bit P15DDR.
SSU settings
Can be used as I/O port
Input state Output state
SAE1
0
1
TPU channel 1
settings
(1) in table
below
(2) in table below
P15DDR
0
1
1
0
NDER13
0
1
P15
input
P15
output
PO13
output
DACK1
output
TIOCB1
output
TIOCB1 input*
1
Pin function
TCLKC input*
2
SSI0-A
input*
3
SSI0-A
output*
4
Notes: 1. TIOCB1 input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 to IOB0 = B'10××.
2. TCLKC input when the setting for either TCR_0 or TCR_2 is TPSC2 to TPSC0 = B'111,
or when the setting for either TCR_4 or TCR_5 is TPSC2 to TPSC0 = B'101. TCLKC
input when phase counting mode is set for channels 2 and 4.
3. SSI0-A input when SSI0S1 and SSI0S0 = B'00 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'001
×1 or B'10××1. Do not set up for TPU or DMAC output with SSI0-A
input.
4. SSI0-A output when SSI0S1 and SSI0S0 = B'00 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'0001
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com