Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 660 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 660 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 656Page - Renesas Technology Corp H8S/2426 Datasheet HTML 657Page - Renesas Technology Corp H8S/2426 Datasheet HTML 658Page - Renesas Technology Corp H8S/2426 Datasheet HTML 659Page - Renesas Technology Corp H8S/2426 Datasheet HTML 660Page - Renesas Technology Corp H8S/2426 Datasheet HTML 661Page - Renesas Technology Corp H8S/2426 Datasheet HTML 662Page - Renesas Technology Corp H8S/2426 Datasheet HTML 663Page - Renesas Technology Corp H8S/2426 Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 632 of 1270
REJ09B0466-0100
10.13.6
Pin Functions
Port E pins also function as the pins for data I/Os. The correspondence between the register
specification and the pin functions is shown below.
• PE7/D7, PE6/D6, PE5/D5, PE4/D4, PE3/D3, PE2/D2, PE1/D1, PE0/D0
The pin function is switched as shown below according to the combination of the operating
mode, bus mode, bit EXPE, and bit PEnDDR.
Operating
mode
1, 2, 4
7
Bus mode
All areas are
8-bit space
At least one
area is 16-bit
space
All areas are
8-bit space
At least one
area is 16-bit
space
EXPE
0
1
1
PEnDDR
0
1
0
1
0
1
Pin function
PEn
input
PEn
output
Data I/O
PEn
input
PEn
output
PEn
input
PEn
output
Data I/O
Legend:
n = 7 to 0
10.13.7
Port E Input Pull-Up MOS States
Port E has a built-in input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be used in 8-bit bus mode. The input pull-up MOS can be specified as
on or off on a bit-by-bit basis. In 8-bit bus mode, when a PEDDR bit is cleared to 0, setting the
corresponding PEPCR bit to 1 turns on the input pull-up MOS for that pin.
Table 10.7 summarizes the input pull-up MOS states.
Table 10.7
Input Pull-Up MOS States for Port E
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
8-bit bus
Off
Off
On/Off
On/Off
1, 2, or 4
16-bit bus
Off
Off
Legend:
Off:
Input pull-up MOS is always off.
On/Off: Input pull-up MOS is on when PEDDR = 0 and PEPCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com