Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 662 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 662 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 658Page - Renesas Technology Corp H8S/2426 Datasheet HTML 659Page - Renesas Technology Corp H8S/2426 Datasheet HTML 660Page - Renesas Technology Corp H8S/2426 Datasheet HTML 661Page - Renesas Technology Corp H8S/2426 Datasheet HTML 662Page - Renesas Technology Corp H8S/2426 Datasheet HTML 663Page - Renesas Technology Corp H8S/2426 Datasheet HTML 664Page - Renesas Technology Corp H8S/2426 Datasheet HTML 665Page - Renesas Technology Corp H8S/2426 Datasheet HTML 666Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 634 of 1270
REJ09B0466-0100
10.14.1
Port F Data Direction Register (PFDDR)
The individual bits of PFDDR specify input or output for the pins of port F. PFDDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7
PF7DDR
1/0*
W
6
PF6DDR
0
W
5
PF5DDR
0
W
4
PF4DDR
0
W
3
PF3DDR
0
W
2
PF2DDR
0
W
1
PF1DDR
0
W
0
PF0DDR
0
W
• Modes 7 (when EXPE = 1), 1, 2, and 4
Pin PF7 functions as the
φ output pin when the
corresponding PFDDR bit is set to 1, and as an
input port when the bit is cleared to 0.
Pin PF6 functions as the
AS output pin when the
ASOE bit is set to 1. When the ASOE bit is
cleared to 0, pin PF6 is an I/O port and its
function can be switched with PF6DDR.
Pins PF5 and PF4 are automatically designated
as bus control outputs (
RD and HWR).
Pin PF3 functions as the
LWR output pin when
the LWROE bit is set to 1. When the LWROE bit
is cleared to 0, pin PF3 is an I/O port and its
function can be switched with PF3DDR.
Pins PF2 to PF0 function as bus control
input/output pins (
LCAS, UCAS, and WAIT)
when the appropriate bus controller settings are
made. Otherwise, these pins are output ports
when the corresponding PFDDR bits are set to 1
and are input ports when the bits are cleared to
0.
• Mode 7 (when EXPE = 0)
Pin PF7 functions as the
φ output pin when the
corresponding PFDDR bit is set to 1, and as an
input port when the bit is cleared to 0.
Pins PF6 to PF0 are I/O ports, and their
functions can be switched with PFDDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com