Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 660Page - Renesas Technology Corp H8S/2426 Datasheet HTML 661Page - Renesas Technology Corp H8S/2426 Datasheet HTML 662Page - Renesas Technology Corp H8S/2426 Datasheet HTML 663Page - Renesas Technology Corp H8S/2426 Datasheet HTML 664Page - Renesas Technology Corp H8S/2426 Datasheet HTML 665Page - Renesas Technology Corp H8S/2426 Datasheet HTML 666Page - Renesas Technology Corp H8S/2426 Datasheet HTML 667Page - Renesas Technology Corp H8S/2426 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 636 of 1270
REJ09B0466-0100
10.14.4
Port F Open Drain Control Register (PFODR)
PFODR specifies the output type of each port F pin.
Bit
Bit Name
Initial Value
R/W
Description
7
PF7ODR
0
R/W
6
PF6ODR
0
R/W
5
PF5ODR
0
R/W
4
PF4ODR
0
R/W
3
PF3ODR
0
R/W
2
PF2ODR
0
R/W
1
PF1ODR
0
R/W
0
PF0ODR
0
R/W
When not specified for
φ,
AS, AH, RD, HWR, LWR,
LCAS, UCAS, DQML, DQMU, CS5, CS6, or OE-A
output, setting a PFODR bit to 1 makes the
corresponding pin an NMOS open-drain output pin,
while clearing a PFODR bit to 0 makes the
corresponding pin a CMOS output pin.
10.14.5
Pin Functions
Port F pins also function as the pins for SSU I/Os, A/D converter inputs, interrupt inputs, bus
control signal I/Os, and system clock outputs. The correspondence between the register
specification and the pin functions is shown below.
• PF7/φ
The pin function is switched as shown below according to bit PF7DDR.
Operating
mode
1, 2, 4, 7
PF7DDR
0
1
Pin function
PF7 input
φ output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com