Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 667 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 667 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 663Page - Renesas Technology Corp H8S/2426 Datasheet HTML 664Page - Renesas Technology Corp H8S/2426 Datasheet HTML 665Page - Renesas Technology Corp H8S/2426 Datasheet HTML 666Page - Renesas Technology Corp H8S/2426 Datasheet HTML 667Page - Renesas Technology Corp H8S/2426 Datasheet HTML 668Page - Renesas Technology Corp H8S/2426 Datasheet HTML 669Page - Renesas Technology Corp H8S/2426 Datasheet HTML 670Page - Renesas Technology Corp H8S/2426 Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 639 of 1270
REJ09B0466-0100
• PF2/LCAS/DQML/IRQ15-A/SSI0-C (H8S/2426 Group and H8S/2426R Group)
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE
in SSER of the SSU, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bits SSI0S1
and SSI0S0 in PFCR5, bits ABW5 to ABW2 in ABWCR, and bit PF2DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
Areas 2 to 5
Any DRAM/
synchronous DRAM
space area is 16-bit
bus space
All DRAM/synchronous DRAM space areas are
8-bit bus space, or areas 2 to 5 are all normal space
SSU settings
Can be used as I/O port
Input state
Output state
PF2DDR
0
1
0
LCAS output
DQML*
3 output
PF2 input
PF2 output SSI0-C input*
2
SSI0-C output*
3
Pin function
IRQ15-A interrupt input*1
• Mode 7 (EXPE = 0)
Areas 2 to 5
SSU settings
Can be used as I/O port
Input state
Output state
PF2DDR
0
1
0
PF2 input
PF2 output
SSI0-C input*
2
SSI0-C output*
3
Pin function
IRQ15-A interrupt input*1
Notes: 1.
IRQ15 input when the ITS15 bit in ITSR is 0.
2. SSI0-C input when SSI0S1 and SSI0S0 = B'10 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'001
×1 or B'10××1.
3. SSI0-C output when SSI0S1 and SSI0S0 = B'10 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'0001
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com