Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 667Page - Renesas Technology Corp H8S/2426 Datasheet HTML 668Page - Renesas Technology Corp H8S/2426 Datasheet HTML 669Page - Renesas Technology Corp H8S/2426 Datasheet HTML 670Page - Renesas Technology Corp H8S/2426 Datasheet HTML 671Page - Renesas Technology Corp H8S/2426 Datasheet HTML 672Page - Renesas Technology Corp H8S/2426 Datasheet HTML 673Page - Renesas Technology Corp H8S/2426 Datasheet HTML 674Page - Renesas Technology Corp H8S/2426 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 643 of 1270
REJ09B0466-0100
• PF1/CS5/UCAS/SSCK0-C (H8S/2424 Group)
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and SCKS in SSCRH and bit SSUMS in SSCRL of the SSU, bits
RMTS2 to RMTS0 in DRAMCR of the bus controller, bit CS5E in PFCR0, bits SSCK0S1 and
SSCK0S0 in PFCR5, and bit PF1DDR.
• Modes 2, 4, and 7 (EXPE = 1)
Areas 2 to 5
Any of areas 2 to 5 is
DRAM space
Areas 2 to 5 are all normal space
CS5E
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
PF1DDR
0
1
0
0
1
Pin function
UCAS output
PF1
input
PF1
output
SSCK0-C
input*
1
SSCK0-C
output*
2
PF1
input
CS5
output
• Mode 7 (EXPE = 0)
Areas 2 to 5
CS5E
SSU settings
Can be used as I/O port
Input state
Output state
PF1DDR
0
1
0
Pin function
PF1 input
PF1 output
SSCK0-C input*
1
SSCK0-C output*
2
Notes: 1. SSCK0-C input when SSCK0S1 and SSCK0S0 = B'10 in PFCR5, and SSUMS, MSS,
and SCKS = B'001 or B'101.
2. SSCK0-C output when SSCK0S1 and SSCK0S0 = B'10 in PFCR5, and SSUMS, MSS,
and SCKS = B'
×11.
SSCK pin settings
SSUMS
0
1
MSS
0
1
0
1
SCKS
0
1
0
1
0
1
0
1
Pin state
Input
Output
Input
Output
Legend:
: Pin is not used by the SSU (can be used as I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com