Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 674 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 674 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 670Page - Renesas Technology Corp H8S/2426 Datasheet HTML 671Page - Renesas Technology Corp H8S/2426 Datasheet HTML 672Page - Renesas Technology Corp H8S/2426 Datasheet HTML 673Page - Renesas Technology Corp H8S/2426 Datasheet HTML 674Page - Renesas Technology Corp H8S/2426 Datasheet HTML 675Page - Renesas Technology Corp H8S/2426 Datasheet HTML 676Page - Renesas Technology Corp H8S/2426 Datasheet HTML 677Page - Renesas Technology Corp H8S/2426 Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 646 of 1270
REJ09B0466-0100
• Mode 7 (EXPE = 0)
OEE
Area 2
WAITE
SSU settings
Input state
Output state
PF0DDR
0
1
0
PF0 input
PF0 output
SCS0-C input*2
SCS0-C output*4
Pin function
ADTRG0-B input*1
Notes: 1.
ADTRG0-B input when the ADTRG0S bit in PFCR4 is 1, TRGS1 = TRGS0 = 0, and
EXTRGS = 1
2.
WAIT-A input when the WAITS bit in PFCR4 is 0.
3.
SCSO-C input when SCS0S1 and SCS0S0 = B'10 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'00
××, B'0101, or B'0110.
4.
SCSO-C output when SCS0S1 and SCS0S0 = B'10 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'011
×.
SCS pin settings
SSUMS
0
1
MSS
0
1
×
CSS1
×
0
1
×
CSS0
×
0
1
0
1
×
Pin state
Input
Input
Automatic I/O
Output
Legend:
×: Don’t care
: Pin is not used by the SSU (can be used as I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com