Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 668Page - Renesas Technology Corp H8S/2426 Datasheet HTML 669Page - Renesas Technology Corp H8S/2426 Datasheet HTML 670Page - Renesas Technology Corp H8S/2426 Datasheet HTML 671Page - Renesas Technology Corp H8S/2426 Datasheet HTML 672Page - Renesas Technology Corp H8S/2426 Datasheet HTML 673Page - Renesas Technology Corp H8S/2426 Datasheet HTML 674Page - Renesas Technology Corp H8S/2426 Datasheet HTML 675Page - Renesas Technology Corp H8S/2426 Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 644 of 1270
REJ09B0466-0100
• PF0/WAIT-A/ADTRG0-B/SCS0-C (H8S/2426 Group and H8S/2426R Group)
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit WAITE in BCR of the bus controller, bits MSS, CSS1, and CSS0 in
SSCRH and bit SSUMS in SSCRL of the SSU, bits TRGS1, TRGS0, and EXTRGS in
ADCR_0 of the ADC, bits ADTRG0S and WAITS in PFCR4, bits SCS0S1 and SCS0S0 in
PFCR5, and bit PF0DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
WAITE
0
1
SSU settings
Can be used as I/O port
Input state
Output state
PF0DDR
0
1
0
PF0 input
PF0 output
SCS0-C input*3
SCS0-C output*4 WAIT-A input*2
Pin function
ADTRG0-B input*1
• Mode 7 (EXPE = 0)
WAITE
SSU settings
Can be used as I/O port
Input state
Output state
PF0DDR
0
1
0
PF0 input
PF0 output
SCS0-C input*3
SCS0-C output*4
Pin function
ADTRG0-B input*1
Notes: 1.
ADTRG0-B input when the ADTRG0S bit in PFCR4 is 1, TRGS1 = TRGS0 = 0, and
EXTRGS = 1
2.
WAIT-A input when the WAITS bit in PFCR4 is 0.
3.
SCSO-C input when SCS0S1 and SCS0S0 = B'10 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'00
××, B'0101, or B'0110.
4.
SCSO-C output when SCS0S1 and SCS0S0 = B'10 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'011
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com