Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 666 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 666 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 662Page - Renesas Technology Corp H8S/2426 Datasheet HTML 663Page - Renesas Technology Corp H8S/2426 Datasheet HTML 664Page - Renesas Technology Corp H8S/2426 Datasheet HTML 665Page - Renesas Technology Corp H8S/2426 Datasheet HTML 666Page - Renesas Technology Corp H8S/2426 Datasheet HTML 667Page - Renesas Technology Corp H8S/2426 Datasheet HTML 668Page - Renesas Technology Corp H8S/2426 Datasheet HTML 669Page - Renesas Technology Corp H8S/2426 Datasheet HTML 670Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 638 of 1270
REJ09B0466-0100
• PF3/LWR/SSO0-C
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE
in SSER of the SSU, bit LWROE in PFCR2, bits SSOS1 and SSOS0 in PFCR5, and bit
PF3DDR.
Operating
mode
1, 2, 4, 7 (EXPE = 1)
7 (EXPE = 0)
LWROE
1
0
0
SSU
settings
Can be used as
I/O port
Input
state
Output
state
Can be used as
I/O port
Input
state
Output
state
PF3DDR
0
1
0
0
1
0
Pin function
LWR
output
PF3
input
PF3
output
SSO0-C
input*
1
SSO0-C
output*
2
PF3
input
PF3
output
SSO0-C
input*
1
SSO0-C
output*
2
Notes: 1. SSO0-C input when SSO0S1 and SSO0S0 = B'10 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'000
×1 or B'01×01.
2. SSO0-C output when SSO0S1 and SSO0S0 = B'10 in PFCR5, and SSUMS, BIDE,
MSS, TE, and RE = B'0011
×, B'01×10, or B'10×1×.
SSO pin settings
SSUMS
0
0
1
BIDE
0
1
0
MSS
0
1
0
1
0
1
TE
0
1
0
1
0
1
0
1
0
1
0
1
RE
1
0
1
1
0
1
1
0
1
0
1
0
1
1
0
1
Pin state
Input
Input
 Output Output Input Output Input Output  Output Output  Output Output
Legend:
: Pin is not used by the SSU (can be used as I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com