Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 745 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 745 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 741Page - Renesas Technology Corp H8S/2426 Datasheet HTML 742Page - Renesas Technology Corp H8S/2426 Datasheet HTML 743Page - Renesas Technology Corp H8S/2426 Datasheet HTML 744Page - Renesas Technology Corp H8S/2426 Datasheet HTML 745Page - Renesas Technology Corp H8S/2426 Datasheet HTML 746Page - Renesas Technology Corp H8S/2426 Datasheet HTML 747Page - Renesas Technology Corp H8S/2426 Datasheet HTML 748Page - Renesas Technology Corp H8S/2426 Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 717 of 1270
REJ09B0466-0100
11.3.6
Timer Counter (TCNT)
The TCNT registers are 16-bit readable/writable counters. The TPU has six TCNT counters, one
for each channel.
The TCNT counters are initialized to H'0000 by a reset, or in hardware standby mode.
The TCNT counters cannot be accessed in 8-bit units; they must always be accessed as a 16-bit
unit.
11.3.7
Timer General Register (TGR)
The TGR registers are 16-bit readable/writable registers with a dual function as output compare
and input capture registers. The TPU has 16 TGR registers, four each for channels 0 and 3 and two
each for channels 1, 2, 4, and 5. TGRC and TGRD for channels 0 and 3 can also be designated for
operation as buffer registers. The TGR registers cannot be accessed in 8-bit units; they must
always be accessed as a 16-bit unit. TGR buffer register combinations are TGRA–TGRC and
TGRB–TGRD.
11.3.8
Timer Start Register (TSTR)
TSTR selects operation/stoppage for channels 0 to 5. When setting the operating mode in TMDR
or setting the count clock in TCR, first stop the TCNT counter.
Bit
Bit Name
Initial value
R/W
Description
7
6
—
—
0
0
—
—
Reserved
The write value should always be 0.
5
4
3
2
1
0
CST5
CST4
CST3
CST2
CST1
CST0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Counter Start 5 to 0
These bits select operation or stoppage for TCNT.
If 0 is written to the CST bit during operation with the
TIOC pin designated for output, the counter stops
but the TIOC pin output compare output level is
retained. If TIOR is written to when the CST bit is
cleared to 0, the pin output level will be changed to
the set initial output value.
0: TCNT_5 to TCNT_0 count operation is stopped
1: TCNT_5 to TCNT_0 performs count operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com