Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 748 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 748 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 744Page - Renesas Technology Corp H8S/2426 Datasheet HTML 745Page - Renesas Technology Corp H8S/2426 Datasheet HTML 746Page - Renesas Technology Corp H8S/2426 Datasheet HTML 747Page - Renesas Technology Corp H8S/2426 Datasheet HTML 748Page - Renesas Technology Corp H8S/2426 Datasheet HTML 749Page - Renesas Technology Corp H8S/2426 Datasheet HTML 750Page - Renesas Technology Corp H8S/2426 Datasheet HTML 751Page - Renesas Technology Corp H8S/2426 Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 720 of 1270
REJ09B0466-0100
11.3.11
Timer Synchronous Register B (TSYRB)
TSYRB selects independent operation or synchronous operation for the TCNT counters of
channels 6 to 11. A channel performs synchronous operation when the corresponding bit in
TSYRB is set to 1.
Bit
Bit Name
Initial value
R/W
Description
7
6
—
—
0
0
—
—
Reserved
The write value should always be 0.
5
4
3
2
1
0
SYNC11
SYNC10
SYNC9
SYNC8
SYNC7
SYNC6
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Timer Synchronization 11 to 6
These bits select whether operation is independent
of or synchronized with other channels.
When synchronous operation is selected,
synchronous presetting of multiple channels, and
synchronous clearing through counter clearing on
another channel are possible.
To set synchronous operation, the SYNC bits for at
least two channels must be set to 1. To set
synchronous clearing, in addition to the SYNC bit,
the TCNT clearing source must also be set by
means of bits CCLR2 to CCLR0 in TCR.
0: TCNT_11 to TCNT_6 operates independently
(TCNT presetting /clearing is unrelated to
other channels)
1: TCNT_11 to TCNT_6 performs synchronous
operation (TCNT synchronous presetting/
synchronous clearing is possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com