Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 746 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 746 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 742Page - Renesas Technology Corp H8S/2426 Datasheet HTML 743Page - Renesas Technology Corp H8S/2426 Datasheet HTML 744Page - Renesas Technology Corp H8S/2426 Datasheet HTML 745Page - Renesas Technology Corp H8S/2426 Datasheet HTML 746Page - Renesas Technology Corp H8S/2426 Datasheet HTML 747Page - Renesas Technology Corp H8S/2426 Datasheet HTML 748Page - Renesas Technology Corp H8S/2426 Datasheet HTML 749Page - Renesas Technology Corp H8S/2426 Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 718 of 1270
REJ09B0466-0100
11.3.9
Timer Synchronous Register (TSYR)
TSYR selects independent operation or synchronous operation for the TCNT counters of channels
0 to 5. A channel performs synchronous operation when the corresponding bit in TSYR is set to 1.
Bit
Bit Name
Initial value
R/W
Description
7
6
—
—
0
0
—
—
Reserved
The write value should always be 0.
5
4
3
2
1
0
SYNC5
SYNC4
SYNC3
SYNC2
SYNC1
SYNC0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Timer Synchronization 5 to 0
These bits select whether operation is independent
of or synchronized with other channels.
When synchronous operation is selected,
synchronous presetting of multiple channels, and
synchronous clearing through counter clearing on
another channel are possible.
To set synchronous operation, the SYNC bits for at
least two channels must be set to 1. To set
synchronous clearing, in addition to the SYNC bit,
the TCNT clearing source must also be set by
means of bits CCLR2 to CCLR0 in TCR.
0: TCNT_5 to TCNT_0 operates independently
(TCNT presetting /clearing is unrelated to
other channels)
1: TCNT_5 to TCNT_0 performs synchronous
operation (TCNT synchronous presetting/
synchronous clearing is possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com