Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 334Page - Renesas Technology Corp H8S/2426R Datasheet HTML 335Page - Renesas Technology Corp H8S/2426R Datasheet HTML 336Page - Renesas Technology Corp H8S/2426R Datasheet HTML 337Page - Renesas Technology Corp H8S/2426R Datasheet HTML 338Page - Renesas Technology Corp H8S/2426R Datasheet HTML 339Page - Renesas Technology Corp H8S/2426R Datasheet HTML 340Page - Renesas Technology Corp H8S/2426R Datasheet HTML 341Page - Renesas Technology Corp H8S/2426R Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 310 of 1270
REJ09B0466-0100
7.3
Register Descriptions
• Memory address register_0AH (MAR_0AH)
• Memory address register_0AL (MAR_0AL)
• I/O address register_0A (IOAR_0A)
• Transfer count register_0A (ECTR_0A)
• Memory address register_0BH (MAR_0BH)
• Memory address register_0BL (MAR_0BL)
• I/O address register_0B (IOAR_0B)
• Transfer count register_0B (ECTR_0B)
• Memory address register_1AH (MAR_1AH)
• Memory address register_1AL (MAR_1AL)
• I/O address register_1A (IOAR_1A)
• Transfer count register_1A (ETCR_1A)
• Memory address register_1BH (MAR_1BH)
• Memory address register_1BL (MAR_1BL)
• I/O address register_1B (IOAR_1B)
• Transfer count register_1B (ETCR_1B)
• DMA control register_0A (DMACR_0A)
• DMA control register_0B (DMACR_0B)
• DMA control register_1A (DMACR_1A)
• DMA control register_1B (DMACR_1B)
• DMA band control register H (DMABCRH)
• DMA band control register L (DMABCRL)
• DMA write enable register (DMAWER)
• DMA terminal control register (DMATCR)
The functions of MAR, IOAR, ETCR, DMACR, and DMABCR differ according to the transfer
mode (short address mode or full address mode). The transfer mode can be selected by means of
the FAE1 and FAE0 bits in DMABCRH. The register configurations for short address mode and
full address mode of channel 0 are shown in table 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com