Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 336Page - Renesas Technology Corp H8S/2426R Datasheet HTML 337Page - Renesas Technology Corp H8S/2426R Datasheet HTML 338Page - Renesas Technology Corp H8S/2426R Datasheet HTML 339Page - Renesas Technology Corp H8S/2426R Datasheet HTML 340Page - Renesas Technology Corp H8S/2426R Datasheet HTML 341Page - Renesas Technology Corp H8S/2426R Datasheet HTML 342Page - Renesas Technology Corp H8S/2426R Datasheet HTML 343Page - Renesas Technology Corp H8S/2426R Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 312 of 1270
REJ09B0466-0100
7.3.1
Memory Address Registers (MARA and MARB)
MAR is a 32-bit readable/writable register that specifies the source address (transfer source
address) or destination address (transfer destination address). MAR consists of two 16-bit registers
MARH and MARL. The upper 8 bits of MARH are reserved: they are always read as 0, and
cannot be modified.
The DMA has four MAR registers: MAR_0A in channel 0 (channel 0A), MAR_0B in channel 0
(channel 0B), MAR_1A in channel 1 (channel 1A), and MAR_1B in channel 1 (channel 1B).
MAR is not initialized by a reset or in standby mode.
Short Address Mode: In short address mode, MARA and MARB operate independently.
Whether MAR functions as the source address register or as the destination address register can be
selected by means of the DTDIR bit in DMACR.
MAR is incremented or decremented each time a byte or word transfer is executed, so that the
address specified by MAR is constantly updated.
Full Address Mode: In full address mode, MARA functions as the source address register, and
MARB as the destination address register.
MAR is incremented or decremented each time a byte or word transfer is executed, so that the
source or destination address is constantly updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com