Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 339Page - Renesas Technology Corp H8S/2426R Datasheet HTML 340Page - Renesas Technology Corp H8S/2426R Datasheet HTML 341Page - Renesas Technology Corp H8S/2426R Datasheet HTML 342Page - Renesas Technology Corp H8S/2426R Datasheet HTML 343Page - Renesas Technology Corp H8S/2426R Datasheet HTML 344Page - Renesas Technology Corp H8S/2426R Datasheet HTML 345Page - Renesas Technology Corp H8S/2426R Datasheet HTML 346Page - Renesas Technology Corp H8S/2426R Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 315 of 1270
REJ09B0466-0100
7.3.4
DMA Control Registers (DMACRA and DMACRB)
DMACR controls the operation of each DMAC channel.
The DMA has four DMACR registers: DMACR_0A in channel 0 (channel 0A), DMACR_0B in
channel 0 (channel 0B), DMACR_1A in channel 1 (channel 1A), and DMACR_1B in channel 1
(channel 1B). In short address mode, channels A and B operate independently, and in full address
mode, channels A and B operate together. The bit functions in the DMACR registers differ
according to the transfer mode.
(1)
Short Address Mode:
• DMACR_0A, DMACR_0B, DMACR_1A, and DMARC_1B
Bit
Bit Name
Initial Value
R/W
Description
7
DTSZ
0
R/W
Data Transfer Size
Selects the size of data to be transferred at one
time.
0: Byte-size transfer
1: Word-size transfer
6
DTID
0
R/W
Data Transfer Increment/Decrement
Selects incrementing or decrementing of MAR after
every data transfer in sequential mode or repeat
mode. In idle mode, MAR is neither incremented
nor decremented.
0: MAR is incremented after a data transfer
(Initial value)
• When DTSZ = 0, MAR is incremented by 1
• When DTSZ = 1, MAR is incremented by 2
1: MAR is decremented after a data transfer
• When DTSZ = 0, MAR is decremented by 1
• When DTSZ = 1, MAR is decremented by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com