Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 350Page - Renesas Technology Corp H8S/2426R Datasheet HTML 351Page - Renesas Technology Corp H8S/2426R Datasheet HTML 352Page - Renesas Technology Corp H8S/2426R Datasheet HTML 353Page - Renesas Technology Corp H8S/2426R Datasheet HTML 354Page - Renesas Technology Corp H8S/2426R Datasheet HTML 355Page - Renesas Technology Corp H8S/2426R Datasheet HTML 356Page - Renesas Technology Corp H8S/2426R Datasheet HTML 357Page - Renesas Technology Corp H8S/2426R Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 326 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
3
2
1
0
DTIE1B
DTIE1A
DTIE0B
DTIE0A
0
0
0
0
R/W
R/W
R/W
R/W
Data Transfer End Interrupt Enable 1B
Data Transfer End Interrupt Enable 1A
Data Transfer End Interrupt Enable 0B
Data Transfer End Interrupt Enable 0A
These bits enable or disable an interrupt to the
CPU or DTC when transfer ends. If the DTIE bit is
set to 1 when DTE = 0, the DMAC regards this as
indicating the end of a transfer, and issues a
transfer end interrupt request to the CPU or DTC.
A transfer end interrupt can be canceled either by
clearing the DTIE bit to 0 in the interrupt handling
routine, or by performing processing to continue
transfer by setting the transfer counter and
address register again, and then setting the DTE
bit to 1.
(2)
Full Address Mode:
• DMABCRH
Bit
Bit Name
Initial Value
R/W
Description
15
FAE1
0
R/W
Full Address Enable 1
Specifies whether channel 1 is to be used in short
address mode or full address mode.
In full address mode, channels 1A and 1B are
used together as channel 1.
0: Short address mode
1: Full address mode
14
FAE0
0
R/W
Full Address Enable 0
Specifies whether channel 0 is to be used in short
address mode or full address mode.
In full address mode, channels 0A and 0B are
used together as channel 0.
0: Short address mode
1: Full address mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com