Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 353Page - Renesas Technology Corp H8S/2426R Datasheet HTML 354Page - Renesas Technology Corp H8S/2426R Datasheet HTML 355Page - Renesas Technology Corp H8S/2426R Datasheet HTML 356Page - Renesas Technology Corp H8S/2426R Datasheet HTML 357Page - Renesas Technology Corp H8S/2426R Datasheet HTML 358Page - Renesas Technology Corp H8S/2426R Datasheet HTML 359Page - Renesas Technology Corp H8S/2426R Datasheet HTML 360Page - Renesas Technology Corp H8S/2426R Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 329 of 1270
REJ09B0466-0100
• DMABCRL
Bit
Bit Name
Initial Value
R/W
Description
7
DTME1
0
R/W
Data Transfer Master Enable 1
Together with the DTE1 bit, this bit controls
enabling or disabling of data transfer on channel
1. When both the DTME1 bit and DTE1 bit are set
to 1, transfer is enabled for channel 1.
If channel 1 is in the middle of a burst mode
transfer when an NMI interrupt is generated, the
DTME1 bit is cleared, the transfer is interrupted,
and bus mastership passes to the CPU. When the
DTME1 bit is subsequently set to 1 again, the
interrupted transfer is resumed. In block transfer
mode, however, the DTME1 bit is not cleared by
an NMI interrupt, and transfer is not interrupted.
[Clearing conditions]
• When initialization is performed
• When NMI is input in burst mode
• When 0 is written to the DTME1 bit
[Setting condition]
When 1 is written to DTME1 after reading DTME1
= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com