Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 428Page - Renesas Technology Corp H8S/2426R Datasheet HTML 429Page - Renesas Technology Corp H8S/2426R Datasheet HTML 430Page - Renesas Technology Corp H8S/2426R Datasheet HTML 431Page - Renesas Technology Corp H8S/2426R Datasheet HTML 432Page - Renesas Technology Corp H8S/2426R Datasheet HTML 433Page - Renesas Technology Corp H8S/2426R Datasheet HTML 434Page - Renesas Technology Corp H8S/2426R Datasheet HTML 435Page - Renesas Technology Corp H8S/2426R Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 404 of 1270
REJ09B0466-0100
8.3.5
EXDMA Address Control Register (EDACR)
EDACR specifies address register incrementing/decrementing and use of the repeat area function.
Bit
Bit Name
Initial Value
R/W
Description
15
14
SAT1
SAT0
0
0
R/W
R/W
Source Address Update Mode
These bits specify incrementing/decrementing of
the transfer source address (EDSAR). When an
external device with DACK is designated as the
transfer source in single address mode, the
specification by these bits is ignored.
0
×: Fixed
10: Incremented (+1 in byte transfer, +2 in word
transfer)
11: Decremented (–1 in byte transfer, –2 in word
transfer)
13
SARIE
0
R/W
Source Address Repeat Interrupt Enable
When this bit is set to 1, in the event of source
address repeat area overflow, the IRF bit is set to
1 and the EDA bit cleared to 0 in EDMDR, and
transfer is terminated. If the EDIE bit in EDMDR is
1 when the IRF bit in EDMDR is set to 1, an
interrupt request is sent to the CPU.
When used together with block transfer mode, a
source address repeat interrupt is requested at the
end of a block-size transfer. If the EDA bit is set to
1 in EDMDR for the channel on which transfer is
terminated by a source address repeat interrupt,
transfer can be resumed from the state in which it
ended. If a source address repeat area has not
been designated, this bit is ignored.
0: Source address repeat interrupt is not
requested
1: When source address repeat area overflow
occurs, the IRF bit in EDMDR is set to 1 and an
interrupt is requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com