Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 432Page - Renesas Technology Corp H8S/2426R Datasheet HTML 433Page - Renesas Technology Corp H8S/2426R Datasheet HTML 434Page - Renesas Technology Corp H8S/2426R Datasheet HTML 435Page - Renesas Technology Corp H8S/2426R Datasheet HTML 436Page - Renesas Technology Corp H8S/2426R Datasheet HTML 437Page - Renesas Technology Corp H8S/2426R Datasheet HTML 438Page - Renesas Technology Corp H8S/2426R Datasheet HTML 439Page - Renesas Technology Corp H8S/2426R Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 408 of 1270
REJ09B0466-0100
8.4
Operation
8.4.1
Transfer Modes
The transfer modes of the EXDMAC are summarized in table 8.2.
Table 8.2
EXDMAC Transfer Modes
Address Registers
Transfer Mode
Transfer
Origin
Number of
Transfers
Source
Destination
Auto request mode
• Burst/cycle steal
mode
Auto
request
Normal
transfer
mode
External request
mode
• Cycle steal mode
External
request
1 to
16,777,215
or no
specification
Dual
address
mode
Block
transfer
mode
External request
mode
• Burst transfer of
specified block
size for a single
transfer request
• Block size: 1 to
256 bytes or
words
External
request
1 to 65,535
or no
specification
EDSAR
EDDAR
Single
address
mode
• Direct data transfer to/from external device using
EDACK pin instead of source or destination address
register
• Above transfer mode can be specified in addition to
address register setting
• One transfer possible in one bus cycle
(Transfer mode variations are the same as in dual
address mode.)
EDSAR/
EDACK
EDACK/
EDDAR
The transfer mode can be set independently for each channel.
In normal transfer mode, a one-byte or one-word transfer is executed in response to one transfer
request. With auto requests, burst or cycle steal transfer mode can be set. In burst transfer mode,
continuous, high-speed transfer can be performed until the specified number of transfers have
been executed or the transfer enable bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com