Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 433Page - Renesas Technology Corp H8S/2426R Datasheet HTML 434Page - Renesas Technology Corp H8S/2426R Datasheet HTML 435Page - Renesas Technology Corp H8S/2426R Datasheet HTML 436Page - Renesas Technology Corp H8S/2426R Datasheet HTML 437Page - Renesas Technology Corp H8S/2426R Datasheet HTML 438Page - Renesas Technology Corp H8S/2426R Datasheet HTML 439Page - Renesas Technology Corp H8S/2426R Datasheet HTML 440Page - Renesas Technology Corp H8S/2426R Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 409 of 1270
REJ09B0466-0100
In block transfer mode, a transfer of the specified block size is executed in response to one transfer
request. The block size can be from 1 to 256 bytes or words. Within a block, transfer can be
performed at the same high speed as in block transfer mode.
When the “no specification” setting (EDTCR = H'000000) is made for the number of transfers, the
transfer counter is halted and there is no limit on the number of transfers, allowing transfer to be
performed endlessly.
Incrementing or decrementing the memory address by 1 or 2, or leaving the address unchanged,
can be specified independently for each address register.
In all transfer modes, it is possible to set a repeat area comprising a power-of-two number of
bytes.
8.4.2
Address Modes
(1)
Dual Address Mode
In dual address mode, both the transfer source and transfer destination are specified by registers in
the EXDMAC, and one transfer is executed in two bus cycles.
The transfer source address is set in the source address register (EDSAR), and the transfer
destination address is set in the transfer destination address register (EDDAR).
In a transfer operation, the value in external memory specified by the transfer source address is
read in the first bus cycle, and is written to the external memory specified by the transfer
destination address in the next bus cycle.
These consecutive read and write cycles are indivisible: another bus cycle (external access by an
internal bus master, refresh cycle, or external bus release cycle) does not occur between these two
cycles.
ETEND pin output can be enabled or disabled by means of the ETENDE bit in EDMDR. ETEND
is output for two consecutive bus cycles. The
EDACK signal is not output.
Figure 8.2 shows an example of the timing in dual address mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com